Part Number Hot Search : 
PEF20571 BLD128DD N4099 B3234 08226 SM7644HX BA5968FP BA5968FP
Product Description
Full Text Search
 

To Download CDBA3200-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 150 to 200 v olts forward current: 3.0 amp rohs device page 1 rev :a cdba3150-hf thru. CDBA3200-HF comchip t echnology co., l td. features -ultra high-speed switching. mechanical data -case: molded plastic, do-214ac / sma -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -weight: 0.055 grams -low profile surface mount applications in order to optimize board space. -low power loss, high ef ficiency . -hight current capability , low forward voltage drop. -hight surge capability . -guardring for overvoltage protection. -epoxy: ul94-v0 rate flame retardant. -silicon epitaxial planar chip,metal silicon junction. d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a c ( s m a ) 0 . 0 6 7 ( 1 . 7 0 ) 0 . 0 4 7 ( 1 . 2 0 ) 0 . 1 1 4 ( 2 . 9 0 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 1 8 1 ( 4 . 6 0 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 0 0 8 ( 0 . 2 0 ) 0 . 0 0 4 ( 0 . 1 0 ) 0 . 0 1 2 ( 0 . 3 0 ) t y p . 0 . 2 0 9 ( 5 . 3 0 ) 0 . 1 8 5 ( 4 . 7 0 ) 0 . 0 6 1 ( 1 . 5 5 ) 0 . 0 3 0 ( 0 . 7 5 ) 0 . 0 9 8 ( 2 . 5 0 ) 0 . 0 6 7 ( 1 . 7 0 ) maximum ratings and electrical characteristics forward surge current reverse current storage temperature a a ma parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 3.0 70 0.5 20 55 250 -50 +175 ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . units qw -jb017 halogen free max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage cdba 3150-hf units symbol parameter v rrm v dc v rms 150 150 105 v v v cdba 3200-hf 200 200 140 max. instantaneous forward voltage @ 3.0a, t a =25c v f 0.87 v 0.90 operating t emperature t j -50 to +175 c
comchip t echnology co., l td. page 2 rev :a s m d s c h o t t k y b a r r i e r r e c t i f i e r s ra ting and characteristic cur ves (cdba3150-hf thru. CDBA3200-HF) reverse v oltage, (v) 0.01 0 200 700 1 10 100 o ambient t emperature, ( c) 0 1.5 2.0 0 100 175 0.5 3.0 1.0 number of cycles at 60hz 0 60 100 1 10 100 20 80 40 o t j =25 c 8.3ms single half sine wave, jedec method 25 50 75 150 125 2.5 0.1 100 400 300 600 500 a v e r a g e f o r w a r d c u r r e n t , ( a ) j u n c t i o n c a p a c i t a n c e , ( p f ) percent of rated peak reverse v oltage, (%) r e v e r s e l e a k a g e c u r r e n t , ( m a ) 140 80 60 120 0 0.1 10 100 20 1 . 0 0.01 40 100 t j = 1 2 5 c t j = 2 5 c qw -jb017 fig.1 - t ypical forward current derating curve fig.5 - t ypical reverse characteristics fig.4 - t ypical junction capacitance fig.3 - maximum non-repetitive forward surge current forward v oltage, (v) 0.1 0.01 0.1 1.0 10 100 0.9 1.1 1.5 0.5 1.3 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) p u l s e w i d t h 3 0 0 u s 1 % d u t y c y c l e t j = 2 5 c 0.7 0.3 3 3.0 fig.2 - t ypical forward characteristics p e a k f o r w a r d s u r g e c u r r e n t , ( a )
comchip t echnology co., l td. page 3 rev :a s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jb017 reel t aping specification b c d d d 2 d 1 s y m b o l ( m m ) ( i n c h ) 2 . 4 4 1 m i n . 1 . 5 0 0 . 1 0 6 2 . 0 m i n . 1 3 . 5 0 0 . 5 0 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 2 0 2 . 7 0 0 . 1 0 0 . 1 0 6 0 . 0 0 4 5 . 3 0 0 . 1 0 0 . 2 0 9 0 . 0 0 4 2 . 6 6 0 . 1 0 0 . 1 0 5 0 . 0 0 4 ( s m a ) d o - 2 1 4 a c 4 . 0 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 . 3 0 1 8 . 4 0 1 . 0 0 s y m b o l ( m m ) ( i n c h ) 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 0 . 0 3 9 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 1 0 0 . 2 1 7 0 . 0 0 4 0 . 6 0 0 . 1 0 0 . 2 3 6 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 ( s m a ) d o - 2 1 4 a c a o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a d 1 d 2 d w 1
comchip t echnology co., l td. page 4 rev :a s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jb017 marking code suggested p ad layout size (inch) 0.157 (mm) 4.00 2.50 1.70 0.098 0.068 6.50 0.256 e 1.50 0.060 a b c d d o -2 1 4 a c ( s m a ) a b c e d standard packaging c a s e t y p e 5 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d o - 2 1 4 a c ( s m a ) xxxxx = product type marking code x x x x x cathod band part number cdba3150-hf marking code CDBA3200-HF sk315 sk320


▲Up To Search▲   

 
Price & Availability of CDBA3200-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X